|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
M/A-Com Technology Solutions 4 Olsen Avenue Edison, NJ 08820 USA Voice : (732) 549-9001 Fax: (732) 549-1559 Internet: www.laserdiode.com Email: sales@laserdiode.com Laser Diode Incorporated 1550nm Pulsed Laser Diodes "Eye Safe" High Efficiency Stable output from -40C to +85C Single and stacked devices up to 40Watts Hermetic package RoHS Compliant Applications: Rangefinding Surveying equipment Friend or foe identification CVL Series Characteristics @ 25oC Parameter Peak Wavelength Spectral Width Temperature Coefficient of Wavelength Beam Spread Operating Temperature Pulse Width Symbol /T FWHM To Pw Min 1535 Typ 1550 12 0.55 15 x 50 Max 1565 Unit nm nm nm/ C degrees +85 150 o o -40 C ns Parameters Peak Power (min) Peak Power (Fiber)* Peak Forward Current Threshold Current (typ) Number of Diodes Emitting Area (typ) Duty Factor** Symbol Po Pf If Ith CVL57 10 4 25 1.6 1 350 x 2 0.07 CVL2S57 20 8 25 1.6 2 350 x 110 0.07 CVL3S57 30 12 25 1.6 3 350 x 220 0.07 CVL4S57 40 16 25 1.6 4 350 x 330 0.07 Units Watts Watts Amps Amps Microns % DF Note: Devices are supplied case negative unless otherwise specified. * Fiber: 400 micron 0.37NA Hard Clad Silica **Heat sinking required Package Drawings LDI Document #10-4400-0023 Rev. E 3/30/09 Other package options available. Dimensions: inches [mm] Products can be ordered directly from Laser Diode Incorporated or its representatives. When ordering, refer to the information below. For a complete listing of representatives, visit our website at www.laserdiode.com CVL XS 57 XXXX Product Series # Stacked Chips 2 or 3 (omitted if 1) 1550 Series Wavelength Indicator Package Type TO18C TO18T TO5C TO5F (Fibered) TO5T 9mm Example: CVL 2S57-TO18C Pulsed Laser 20W 1550 +/-15nm, TO18C Package NOTE: Not all options are available for all packages. Other power options are available. Fiber pigtailed versions of all lasers are available. Output is typically 50% of rated power. Safety: Caution: Laser light emitted from any diode laser may be harmful to the human eye. Avoid looking directly into the diode laser aperture when the device is in operation. Class 3B laser ESD Caution: Handle diode lasers with extreme care to prevent electrostatic discharge. Follow ESD precautions when handling devices. Warranty: Please refer to your product purchase agreement for complete details or check with your Laser Diode sales representative. Notice: LDI reserves the right to make changes to the products or information contained herein without notice. No Liability is assumed as a result of their use or application. LDI Document #10-4400-0023 Rev. E 3/30/09 |
Price & Availability of CVL3S57-9MM |